Part Number Hot Search : 
P588L NJM2519A 30100 L4582 K2200G MMC355 AS5306A MAX5096A
Product Description
Full Text Search
 

To Download QAMI5516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
QAMI5516
Single module demodulator and decoder IC for digital video set-top boxes
DATA BRIEF
Description
The QAMI5516 is an integrated demodulator/decoder solution for digital cable receivers for compressed video, sound and data services. A QAM demodulator performs IF to MPEG-2 block processing of QAM carriers. The demodulated stream is then processed by video and audio decoders using standard Omega technology. The QAMI5516 contains all of the most commonly used descramblers, and thus allows a single platform to be developed to cover the entire mainstream set-top box market (USA, Europe, Asia)
.
Application: Highly cost-effective solution for digital cable set-top boxes
Flash
SDRAM (optional) SDRAM
IR Tx/Rx
Tuner
IF in SSCn_DIN/DOUT SDA
QAMI5516
RGB
SSCn_SCLK SCL Serial/parallel TSOUT
CVBS/YC
TSIN1/2
RS232
VCR
March 2004
1/2
QAMI5516
Features
Decodes ITU-T J.83-Annexes A/B/C and DVBC bitstreams Integrated high performance ADC Support for 4-, 16-, 32-, 64-, 128-, 256-point constellation variable symbol Rate from 0.87 MBaud to 11.7 MBaud Robust integrated adaptative equalizer IC serial bus and IC repeater Lock time <100ms 180 MHz 32-bit ST20 CPU
Graphics/display 5 display planes (background, video, still, OSD and cursor) 2, 4 and 8bpp CLUT graphics
PAL/NTSC/SECAM video encoder RGB, CVBS, Y/C and YUV outputs with 10-bit DACs Encoding of CGMS, teletext, WSS, VPS, closed caption Macrovision 7.01 copy protection
Interfaces CableCard and dual DVB common interface 5 ASCs (UARTs) with Tx and Rx FIFOs

8 Kbytes internal SRAM, 8 Kbytes of I-cache and 8 Kbytes of D-cache DES, DVB and ICAM descramblers Support for more than 48 PID slots Fully programmable horizontal and vertical SRCs
Integrated transport demultiplexer

6 x 8-bit banks of parallel I/O 2 smartcard interfaces and clock generators 4 PWM channels Multichannel IR transmitter/receiver Low power/RTC/watchdog controller

MPEG-2 MP@ML video decoder
Module features Low power consumption (~1500 mW) Package: 27 x 27 mm 416 PBGA, 1 mm pitch
Audio features MPEG-1 layers I/II decoding (MP3 option) Dolby Digital 5.1 down-mixed to 2 channels Dolby Pro Logic compatible TruSurround virtual surround sound SRS PCM audio input Integrated audio DACs
Ordering information
Device number
QAMI5516AUA CBR1300
Description
Integrated cable demodulator/decoder Development platform for QAMI5516
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics Group of Companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
www.st.com
2/2


▲Up To Search▲   

 
Price & Availability of QAMI5516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X